PART |
Description |
Maker |
KLCS-47E KMP47C1660F KMP47C1660N KMP47C1237N KMP47 |
4-BIT MICROCONTROLLERS 4位微控制 (KMP47C1xx) 4-BIT MICROCONTROLLERS (KMP47C421 - KMP47C423) 4-BIT MICROCONTROLLERS
|
Korea Electronics (KEC) KEC Holdings KEC[KEC(Korea Electronics)] http://
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
MB95108AM MB95108AMPFM MB95108AMPFV MB95F104AJS MB |
8-bit Proprietary Microcontrollers(8浣?井?у??? 8-bit Proprietary Microcontrollers 8-BIT, FLASH, 16.25 MHz, MICROCONTROLLER, PQFP64
|
Fujitsu Limited Fujitsu Component Limited. Fujitsu, Ltd.
|
SAF-XC164CS-16F20FAD SAF-XC164CS-16F40FAD SAF-XC16 |
16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..85C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..125C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 40MHz New enhanced 16 Bit C166S V2 Architecture
|
Infineon
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
MB89589B MB89585BW MB89585B MB89583BW MB89583B E71 |
F2MC-8L/Low Power/Low Voltage Microcontrollers Micro controller 8-Bit Proprietary F2MC-8L Family Internal USB Product From old datasheet system 8-bit Proprietary Microcontrollers
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
MB89F051 MB89051 MB89F051PFM MB89051PFM |
8-bit Proprietary Microcontrollers F2MC-8L MB89051 Series Micro controller 8-Bit Proprietary F2MC-8L Family Internal USB Product F2MC-8L/Low Power/Low Voltage Microcontrollers
|
FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
SABC165-L25F SABC165-L25FCA SABC165-L25FHA SABC165 |
16-Bit Microcontrollers - 16-Bit microcontroller (25MHz) 16-Bit Microcontrollers - 16-Bit microcontroller (20 Mhz)
|
Infineon
|
AM186EMLV-40VC/W AM186EMLV-20KC/W AM186EMLV-40KI/W |
Am188EM/EMLV Microcontrollers Data Sheet High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
|
http:// Advanced Micro Devices
|
LPC2378FBD144 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|
|